Part Number Hot Search : 
91000 UM5123 1202BMC T551305 VN0650 X4400 AN1657 2SD635
Product Description
Full Text Search
 

To Download 15L80SP-TO277 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  15l8 0sp to277 to - 277 features ? advanced trench technology ? low forward voltage drop ? low power losses ? high efficiency operation ? lead free finish, rohs compliant applications ? dc/dc converters ? ac/dc adaptors 1 cathode 3 anode 2 maximum ratings and electrical characteristics (tj = 25c unless otherwise noted) notes: (1) pulse test: 300 s pulse width, 1 % duty cycle (2) pulse test: pulse width Q 40 ms trench mos barrier schottky rectifier parameter symbol limit unit maximum repetitive peak reverse voltage v rrm 8 0 v maximum average forward rectified current i f(av) 15 a peak forward surge current 8.3 ms single half sine - wave superimposed on rated load per diode i fsm 1 80 a operating junction and storage temperature range t j , t stg - 40 to +150 c typical thermal resistance per diode (mounted on fr - 4 pcb) r ? j a 72 c/w instantaneous forward voltage per diode v f(1) typ. max. i f = 3 a t j =25c 0.4 4 v 0. 39 i f = 3 a 0. 5 9 - i f =15a 0. 5 4 - instantaneous reverse current per diode at rated reverse voltage t j =25 i r(2) 20 5 0 ua t j =125c - 2 0 ma i f = 1 5 a 0.4 8 - t j =25 t j =125 t j =125c www.yfwdiode.com
ratings and characteristics curves (ta = 25 c unless otherwise noted) 20 10000 15 10 1000 5 0 0 25 50 75 100 125 150 100 0 1 10 100 reverse voltage (v) t l , lead temp ( o c) current derating, case typical junction capacitance 100 100000 10000 10 tj=12 5 1000 tj=100 1 tj=75 100 10 tj=25 0 100 150 200 250 300 350 400 450 500 550 600 vf, instantaneous forward voltage (mv) 1 0 0 20 40 60 80 typical forward voltage vr, reverse voltage (volts) typical reverse current tj=125 tj=100 tj=25 if, instantaneous forward current (a) if, average forward current (a) ir, reverse current (ua) capacitance (pf) tj= 7 5 15l8 0sp to277 www.yfwdiode.com
package outline dimensions d a b2 d1 l e e1 e2 w l1 e b a2 unit:mm mounting pad layout x y g y unit:mm c dim min max a 1.1 1.2 a2 0.3 0.4 b1 0.8 1 b2 1.7 1.9 d 3.9 4.1 d1 3.054 e 6.4 6.6 e 1.84 e1 5.3 5.5 e2 3.549 l 0.8 1 l1 0.5 0.7 w 1.1 1.4 dim min c 1.8 g 0.9 x 3.4 x1 1.4 y 4.9 y1 1.4 x1 1 15l8 0sp to277 www.yfwdiode.com


▲Up To Search▲   

 
Price & Availability of 15L80SP-TO277

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X